Part Number Hot Search : 
SFH4053 WP63IT 79L09ACD MAX17503 TXV2N72 MBRB20 ICM7211A 405DH3
Product Description
Full Text Search
 

To Download 936806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/13/2010 please check www.molex.com for latest part information part number: 0399300406 status: active description: 3.81mm (.150") pitch beau? euromate? pluggable pcb terminal block, dual level, 90 wire entry, with retention screws, 6 circuits documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e48521 general product family terminal blocks series 39930 application wire-to-board comments with retention screws component type plug product literature order no usa-264 product name euromate?pluggable type euro block physical circuits (loaded) 6 color - resin black entry angle horizontal flammability 94v-0 lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation vertical pcb retention n/a panel mount no pitch - mating interface (in) 0.150 in pitch - mating interface (mm) 3.81 mm pitch - term. interface (in) 0.150 in pitch - term. interface (mm) 3.80 mm polarized to mating part yes shrouded tri-barrier stackable no temperature range - operating 130c termination interface: style screw or lug wire size awg 14, 16, 18, 20, 22 wire size mm2 0.50 - 1.50 electrical current - maximum per contact 12a voltage - maximum 300v material info old part number 936806 reference - drawing numbers sales drawing sd-39930-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39930 series mates with 39515-1006 , 39516-1006
this document was generated on 05/13/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 936806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X